Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMAJ350A Datasheet (PDF) - SUNMATE electronic Co., LTD

SMAJ350A Datasheet PDF - SUNMATE electronic Co., LTD
No. de pieza SMAJ350A
Descarga  SMAJ350A Descarga

Tamaño del archivo   787.73 Kbytes
Page   5 Pages
Fabricante Electrónico  SUNMATE [SUNMATE electronic Co., LTD]
Página de inicio  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Descripción Electrónicos SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE

SMAJ350A Datasheet (PDF)

Go To PDF Page Descarga Datasheet
SMAJ350A Datasheet PDF - SUNMATE electronic Co., LTD

No. de pieza SMAJ350A
Descarga  SMAJ350A Click to download

Tamaño del archivo   787.73 Kbytes
Page   5 Pages
Fabricante Electrónico  SUNMATE [SUNMATE electronic Co., LTD]
Página de inicio  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Descripción Electrónicos SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE

SMAJ350A Datasheet (HTML) - SUNMATE electronic Co., LTD

SMAJ350A Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMAJ350A Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMAJ350A Datasheet HTML 3Page - SUNMATE electronic Co., LTD SMAJ350A Datasheet HTML 4Page - SUNMATE electronic Co., LTD SMAJ350A Datasheet HTML 5Page - SUNMATE electronic Co., LTD

SMAJ350A Detalles de producto

VOLTAGE RANGE: 5.0 - 440 V

POWER: 400Watts



Features

• Glass Passivated Die Construction

• Uni- and Bi-Directional Versions Available

• Excellent Clamping Capability

• Fast Response Time

• Plastic Material: UL Flammability Classification Rating 94V-0



 




Número de pieza similar - SMAJ350A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Socay Electornics Co., ...
SMAJ350A SOCAY-SMAJ350A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMAJ350A LITTELFUSE-SMAJ350A Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
Microdiode Electronics ...
SMAJ350A CHENDA-SMAJ350A Datasheet
1Mb / 5P
   TRANSIENT VTAGE SUPPRESSOR
logo
StarHope
SMAJ350A SPSEMI-SMAJ350A Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
logo
Formosa MS
SMAJ350A FORMOSA-SMAJ350A Datasheet
864Kb / 10P
   SMD Transient Voltage Suppressor
More results


Descripción similar - SMAJ350A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SUNMATE electronic Co.,...
SMAJ70CA SUNMATE-SMAJ70CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ75CA SUNMATE-SMAJ75CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ250CA SUNMATE-SMAJ250CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ400CA SUNMATE-SMAJ400CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ130CA SUNMATE-SMAFJ130CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ210A SUNMATE-SMAFJ210A Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ250A SUNMATE-SMAFJ250A Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ250CA SUNMATE-SMAFJ250CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAFJ350CA SUNMATE-SMAFJ350CA Datasheet
666Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ10CA SUNMATE-SMAJ10CA Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
SMAJ6.8A SUNMATE-SMAJ6.8A Datasheet
201Kb / 2P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com