Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VS-HFA08TA60CSPBF Datasheet (PDF) - Vishay Siliconix

VS-HFA08TA60CSPBF Datasheet PDF - Vishay Siliconix
No. de pieza VS-HFA08TA60CSPBF
Descarga  VS-HFA08TA60CSPBF Descarga

Tamaño del archivo   188.19 Kbytes
Page   8 Pages
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Descripción Electrónicos HEXFRED® Ultrafast Soft Recovery Diode, 2 x 4 A

VS-HFA08TA60CSPBF Datasheet (PDF)

Go To PDF Page Descarga Datasheet
VS-HFA08TA60CSPBF Datasheet PDF - Vishay Siliconix

No. de pieza VS-HFA08TA60CSPBF
Descarga  VS-HFA08TA60CSPBF Click to download

Tamaño del archivo   188.19 Kbytes
Page   8 Pages
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Descripción Electrónicos HEXFRED® Ultrafast Soft Recovery Diode, 2 x 4 A

VS-HFA08TA60CSPBF Datasheet (HTML) - Vishay Siliconix

VS-HFA08TA60CSPBF Datasheet HTML 1Page - Vishay Siliconix VS-HFA08TA60CSPBF Datasheet HTML 2Page - Vishay Siliconix VS-HFA08TA60CSPBF Datasheet HTML 3Page - Vishay Siliconix VS-HFA08TA60CSPBF Datasheet HTML 4Page - Vishay Siliconix VS-HFA08TA60CSPBF Datasheet HTML 5Page - Vishay Siliconix VS-HFA08TA60CSPBF Datasheet HTML 6Page - Vishay Siliconix VS-HFA08TA60CSPBF Datasheet HTML 7Page - Vishay Siliconix VS-HFA08TA60CSPBF Datasheet HTML 8Page - Vishay Siliconix

VS-HFA08TA60CSPBF Detalles de producto

DESCRIPTION
VS-HFA08TA60CSPbF is a state of the art center tap ultrafast recovery diode. Employing the latest in epitaxial construction and advanced processing techniques it features a superb combination of characteristics which result in performance which is unsurpassed by any rectifier previously available. With basic ratings of 600 V and 4 A per leg continuous current, the VS-HFA08TA60CSPbF is especially well suited for use as the companion diode for IGBTs and MOSFETs. In addition to ultrafast recovery time, the HEXFRED® product line features extremely low values of peak recovery current (IRRM) and does not exhibit any tendency to “snap-off” during the tb portion of recovery. The HEXFRED features combine to offer designers a rectifier with lower noise and significantly lower switching losses in both the diode and the switching transistor. These HEXFRED advantages can help to significantly reduce snubbing, component count and heatsink sizes. The HEXFRED VS-HFA08TA60CSPbF is ideally suited for applications in power supplies and power conversion systems (such as inverters), motor drives, and many other similar applications where high speed, high efficiency is needed.

FEATURES
• Ultrafast recovery
• Ultrasoft recovery
• Very low IRRM
• Very low Qrr
• Specified at operating conditions
• Meets MSL level 1, per J-STD-020, LF maximum peak of 260 °C
• Halogen-free according to IEC 61249-2-21 definition
• Compliant to RoHS directive 2002/95/EC
• AEC-Q101 qualified

BENEFITS
• Reduced RFI and EMI
• Reduced power loss in diode and switching transistor
• Higher frequency operation
• Reduced snubbing
• Reduced parts count




Número de pieza similar - VS-HFA08TA60CSPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
VS-HFA08TA60CSPBF VISHAY-VS-HFA08TA60CSPBF Datasheet
156Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 4 A
08-Feb-17
VS-HFA08TA60CSPBF VISHAY-VS-HFA08TA60CSPBF_V01 Datasheet
156Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 4 A
08-Feb-17
More results


Descripción similar - VS-HFA08TA60CSPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
VS-HFA08TA60CPBF VISHAY-VS-HFA08TA60CPBF Datasheet
179Kb / 7P
   HEXFRED® , Ultrafast Soft Recovery Diode, 2 x 4 A
Revision: 10-Jul-15
VS-HFA08TA60CS-M3 VISHAY-VS-HFA08TA60CS-M3_V01 Datasheet
198Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 4 A
01-Jan-2022
VS-HFA08TA60CSPBF VISHAY-VS-HFA08TA60CSPBF_V01 Datasheet
156Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 4 A
08-Feb-17
VS-HFA08TA60C-M3 VISHAY-VS-HFA08TA60C-M3_V01 Datasheet
192Kb / 7P
   HEXFRED® , Ultrafast Soft Recovery Diode, 2 x 4 A
01-Jan-2022
VS-HFA30TA60CSPBF VISHAY-VS-HFA30TA60CSPBF Datasheet
205Kb / 8P
   HEXFRED® , Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 26-Feb-16
VS-HFA30TA60CHN3 VISHAY-VS-HFA30TA60CHN3 Datasheet
156Kb / 6P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 15-Jul-15
VS-HFA30TA60CPBF VISHAY-VS-HFA30TA60CPBF Datasheet
193Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 15 A
Revision: 14-Jul-15
HFA50PA60C VISHAY-HFA50PA60C Datasheet
207Kb / 7P
   HEXFRED® Ultrafast, Soft Recovery Diode, 2 x 25 A
Revision: 29-Jul-08
VS-HFA16TA60CSPBF VISHAY-VS-HFA16TA60CSPBF Datasheet
173Kb / 8P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 8 A
Revision: 09-May-16
VS-HFA50PA60CHN3 VISHAY-VS-HFA50PA60CHN3 Datasheet
162Kb / 7P
   HEXFRED® Ultrafast Soft Recovery Diode, 2 x 25 A
Revision: 15-Jul-15
More results




Acerca de Vishay Siliconix


Vishay Siliconix es una subsidiaria de Vishay Intertechnology, un fabricante global de componentes electrónicos pasivos.
Vishay Siliconix se especializa en el diseño, la fabricación y la comercialización de MOSFET de potencia, IGBTS y otros semiconductores de poder.
La compañía fue fundada en 1962 y tiene su sede en Santa Clara, California.
Vishay Siliconix proporciona soluciones de energía para una variedad de aplicaciones, incluidos sistemas de energía renovable, equipos industriales, informática y telecomunicaciones, y electrónica automotriz.
Los productos de la compañía están diseñados para alta eficiencia, bajo consumo de energía y alta confiabilidad, y se fabrican en instalaciones de última generación utilizando procesos de fabricación avanzados.
Con un enfoque en la innovación y la satisfacción del cliente, Vishay Siliconix se compromete a proporcionar a sus clientes las mejores soluciones de gestión de energía para satisfacer sus necesidades.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com